công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 215 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
215
10.3.2
Status and Control Register 2 (ADCSC2)
The ADCSC2 register controls the compare function, conversion trigger, and conversion active of the ADC
module.
10.3.3
Data Result High Register (ADCRH)
In 12-bit operation, ADCRH contains the upper four bits of the result of a 12-bit conversion. In 10-bit
mode, ADCRH contains the upper two bits of the result of a 10-bit conversion. When configured for 10-bit
mode, ADR[11:10] are cleared. When configured for 8-bit mode, ADR[11:8] are cleared.
In 12-bit and 10-bit mode, ADCRH is updated each time a conversion completes except when automatic
compare is enabled and the compare condition is not met. When a compare event does occur, the value is
the addition of the conversion result and the two’s complement of the compare value. In 12-bit and 10-bit
mode, reading ADCRH prevents the ADC from transferring subsequent conversion results into the result
registers until ADCRL is read. If ADCRL is not read until after the next conversion is completed, the
intermediate conversion result is lost. In 8-bit mode, there is no interlocking with ADCRL.
7654
3
210
RADACT
ADTRG
ACFE
ACFGT
00
R1
1 Bits 1 and 0 are reserved bits that must always be written to 0.
R1
W
Reset:
0
0
0
0
0
0
0
0
Figure 10-4. Status and Control Register 2 (ADCSC2)
Table 10-5. ADCSC2 Register Field Descriptions
Field
Description
7
ADACT
Conversion Active. Indicates that a conversion is in progress. ADACT is set when a conversion is initiated and
cleared when a conversion is completed or aborted.
0 Conversion not in progress
1 Conversion in progress
6
ADTRG
Conversion Trigger Select. Selects the type of trigger used for initiating a conversion. Two types of triggers are
selectable: software trigger and hardware trigger. When software trigger is selected, a conversion is initiated
following a write to ADCSC1. When hardware trigger is selected, a conversion is initiated following the assertion
of the ADHWT input.
0 Software trigger selected
1 Hardware trigger selected
5
ACFE
Compare Function Enable. Enables the compare function.
0 Compare function disabled
1 Compare function enabled
4
ACFGT
Compare Function Greater Than Enable. Configures the compare function to trigger when the result of the
conversion of the input being monitored is greater than or equal to the compare value. The compare function
defaults to triggering when the result of the compare of the input being monitored is less than the compare value.
0 Compare triggers when input is less than compare value
1 Compare triggers when input is greater than or equal to compare value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com