công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 218 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 219Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 220Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 221Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
218
Freescale Semiconductor
10.3.8
Pin Control 1 Register (APCTL1)
The pin control registers disable the I/O port control of MCU pins used as analog inputs. APCTL1 is
3:2
MODE
Conversion Mode Selection. MODE bits are used to select between 12-, 10-, or 8-bit operation. See Table 10-8.
1:0
ADICLK
Input Clock Select. ADICLK bits select the input clock source to generate the internal clock ADCK. See
Table 10-9.
Table 10-7. Clock Divide Select
ADIV
Divide Ratio
Clock Rate
00
1
Input clock
01
2
Input clock
÷ 2
10
4
Input clock
÷ 4
11
8
Input clock
÷ 8
Table 10-8. Conversion Modes
MODE
Mode Description
00
8-bit conversion (N=8)
01
12-bit conversion (N=12)
10
10-bit conversion (N=10)
11
Reserved
Table 10-9. Input Clock Select
ADICLK
Selected Clock Source
00
Bus clock
01
Bus clock divided by 2
10
Alternate clock (ALTCLK)
11
Asynchronous clock (ADACK)
Table 10-6. ADCCFG Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com