công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 210 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 210 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
210
Freescale Semiconductor
Figure 10-1. MC9S08DZ128 Block Diagram with ADC Highlighted
ADP7-ADP0
ADP15-ADP8
ADP23-ADP16
ANALOG COMPARATOR
(ACMP1)
ACMP1O
ACMP1-
ACMP1+
VSS
VDD
IIC MODULE (IIC1)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI1)
USER MEMORY
MC9S08DZ128 = 128K_2K_8K
HCS08 CORE
CPU
BDC
6-CHANNEL TIMER/PWM
MODULE (TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
COP
IRQ
LVD
OSCILLATOR
MULTI-PURPOSE
CLOCK
RESET
VREFL
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
24-CHANNEL,12-BIT
BKGD/MS
INTERFACE (SCI1)
SERIAL COMMUNICATIONS
SDA1
SCL1
MISO1
SS1
SPSCK1
TxD1
RxD1
XTAL
EXTAL
8
2-CHANNEL TIMER/PWM
MODULE (TPM2)
REAL-TIME COUNTER (RTC)
DEBUG MODULE (DBG)
PTA3/PIA3/ADP3/ACMP1O
PTA4/PIA4/ADP4
PTA5/PIA5/ADP5
PTA2/PIA2/ADP2/ACMP1-
PTA1/PIA1/ADP1/ACMP1+
PTA0/PIA0/ADP0/MCLK
PTA6/PIA6/ADP6
PTA7/PIA7/ADP7/IRQ
MOSI1
PTB3/PIB3/ADP11
PTB4/PIB4/ADP12
PTB5/PIB5/ADP13
PTB2/PIB2/ADP10
PTB1/PIB1/ADP9
PTB0/PIB0/ADP8
PTB6/PIB6/ADP14
PTB7/PIB7/ADP15
PTC3/ADP19
PTC4/ADP20
PTC5/ADP21
PTC2/ADP18
PTC1/ADP17
PTC0/ADP16
PTC6/ADP22
PTC7/ADP23
PTD3/PID3/TPM1CH1
PTD4/PID4/TPM1CH2
PTD5/PID5/TPM1CH3
PTD2/PID2/TPM1CH0
PTD1/PID1/TPM2CH1
PTD0/PID0/TPM2CH0
PTD6/PID6/TPM1CH4
PTD7/PID7/TPM1CH5
PTE3/SPSCK1
PTE4/SCL1/MOSI1
PTE5/SDA1/MISO1
PTE2/SS1
PTE1/RxD1
PTE0/TxD1
PTE6/TxD2/TXCAN
PTE7/RxD2/RXCAN
PTF3/TPM2CLK/SDA1
PTF4/ACMP2+
PTF5/ACMP2-
PTF2/TPM1CLK/SCL1
PTF1/RxD2
PTF0/TxD2
PTF6/ACMP2O
PTF7
PTG1/XTAL
PTG2
PTG3
PTG4
PTG5
PTG0/EXTAL
VSSA
VDDA
BKP
INT
ANALOG COMPARATOR
(ACMP2)
ACMP2O
ACMP2-
ACMP2+
INTERFACE (SCI2)
SERIAL COMMUNICATIONS
TxD2
RxD2
NETWORK (MSCAN)
CONTROLLER AREA
TXCAN
RxCAN
6
TPM1CH5 -
TPM2CH1,
TPM2CH0
TPM2CLK
TPM1CLK
TPM1CH0
PTG6/SCL2
PTG7/SDA2
FLASH _EEPROM _RAM
MC9S08DZ96 = 96K_2K_6K
MC9S08DV128 = 128K_0K_6K
MC9S08DV96 = 96K_0K_4K
PTH3/MISO2
PTH4
PTH5
PTH2/MOSI2
PTH1/SPSCK2
PTH0/SS2
PTH6
PTH7
PTJ3/PIJ3/TMP3CH3
PTJ4/PIJ4
PTJ5/PIJ5
PTJ2/PIJ2/TPM3CH2
PTJ1/PIJ1/TPM3CH1
PTJ0/PIJ0/TMP3CH0
PTJ6/PIJ6
PTJ7/PIJ7/TPM3CLK
PTK3
PTK4
PTK5
PTK2
PTK1
PTK0
PTK6
PTK7
PTL3
PTL4
PTL5
PTL2
PTL1
PTL0
PTL6
PTL7
IIC MODULE (IIC2)
SDA2
SCL2
4-CHANNEL TIMER/PWM
MODULE (TPM3)
4
TPM3CH3
TPM3CLK
TPM3CH0 -
SERIAL PERIPHERAL
INTERFACE MODULE (SPI2)
MISO2
SS2
SPSCK2
MOSI2
(XOSC)
GENERATOR
(MCG)
●
●
●
●
●
●
●
●
●
●
- In 48-pin package, VDDA and VREFH are internally connected to each other and VSSA and VREFL are internally connected to each other.
- Pin not connected in 64-pin and 48-pin packages
● - Pin not available in the 48-pin package
●
●
●
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com