công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 207 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 203Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 458 page
background image
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
207
Chapter 10
Analog-to-Digital Converter (S08ADC12V1)
10.1
Introduction
The 12-bit analog-to-digital converter (ADC) is a successive approximation ADC designed for operation
within an integrated microcontroller system-on-chip.
NOTE
MC9S08DZ128 Series devices operate at a higher voltage range (2.7 V to
5.5 V) and do not include stop1 mode. Please ignore references to stop1.
The ADC channel assignments, alternate clock function, and hardware trigger function are configured as
described in Section 10.1.1, “Channel Assignments.”
10.1.1
Channel Assignments
NOTE
The ADC channel assignments for the MC9S08DZ128 Series devices are
shown in Table 10-1. Reserved channels convert to an unknown value.
This chapter shows bits for all S08ADC12V1 channels. MC9S08DZ128
Series MCUs do not use all of these channels. All bits corresponding to
channels that are not available on a device are reserved.
10.1.2
Analog Power and Ground Signal Names
References to VDDAD and VSSAD in this chapter correspond to signals VDDA and VSSA, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com