công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 209 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
209
ADHTS, in the SOPT2 register. The RTC or IRQ can be configured to cause a hardware trigger in run,
wait, and stop3 modes.
10.1.5
Temperature Sensor
To use the on-chip temperature sensor, the user must perform the following:
•
Configure ADC for long sample with a maximum of 1 MHz clock
•
Convert the bandgap voltage reference channel (AD27)
— By converting the digital value of the bandgap voltage reference channel using the value of
VBG the user can determine VDD. For value of bandgap voltage, see Section A.6, “DC
Characteristics”.
•
Convert the temperature sensor channel (AD26)
— By using the calculated value of VDD, convert the digital value of AD26 into a voltage, VTEMP
Equation 10-1 provides an approximate transfer function of the temperature sensor.
Temp = 25 - ((VTEMP -VTEMP25) ÷ m)
Eqn. 10-1
where:
—VTEMP is the voltage of the temperature sensor channel at the ambient temperature.
—VTEMP25 is the voltage of the temperature sensor channel at 25°C.
— m is the hot or cold voltage versus temperature slope in V/
°C.
For temperature calculations, use the VTEMP25 and m values from the ADC Electricals table.
In application code, the user reads the temperature sensor channel, calculates VTEMP, and compares to
VTEMP25.IfVTEMP is greater than VTEMP25 the cold slope value is applied in Equation 10-1.IfVTEMP is
less than VTEMP25 the hot slope value is applied in Equation 10-1.
To improve accuracy the user should calibrate the bandgap voltage reference and temperature sensor.
Calibrating at 25
°C will improve accuracy to ± 4.5°C.
Calibration at three points, -40
°C, 25°C, and 125°C will improve accuracy to ± 2.5°C. Once calibration
has been completed, the user will need to calculate the slope for both hot and cold. In application code, the
user would then calculate the temperature using Equation 10-1 as detailed above and then determine if the
temperature is above or below 25
°C. Once determined if the temperature is above or below 25°C, the user
can recalculate the temperature using the hot or cold slope value obtained during calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com