công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 208 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 204Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 205Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 206Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 207Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
208
Freescale Semiconductor
10.1.3
Alternate Clock
The ADC module is capable of performing conversions using the MCU bus clock, the bus clock divided
by two, the local asynchronous clock (ADACK) within the module, or the alternate clock, ALTCLK. The
alternate clock for the MC9S08DZ128 Series MCU devices is the external reference clock
(MCGERCLK).
The selected clock source must run at a frequency such that the ADC conversion clock (ADCK) runs at a
frequency within its specified range (fADCK) after being divided down from the ALTCLK input as
determined by the ADIV bits.
ALTCLK is active while the MCU is in wait mode provided the conditions described above are met. This
allows ALTCLK to be used as the conversion clock source for the ADC while the MCU is in wait mode.
ALTCLK cannot be used as the ADC conversion clock source while the MCU is in either stop2 or stop3.
10.1.4
Hardware Trigger
The ADC hardware trigger, ADHWT, is the output from the real time counter (RTC) overflow or the
external interrupt request (IRQ) pin. The source is selected by the ADC hardware trigger select bit,
Table 10-1. ADC Channel Assignment
Notes:
1 For information, see Section 10.1.5, “Temperature Sensor”.
2 Requires BGBE =1 in SPMSC1 see Section 5.8.7, “System Power Management Status and Control 1 Register
(SPMSC1)”. For value of bandgap voltage reference see Section A.6, “DC Characteristics”.
ADCH
Channel
Input
00000
AD0
PTA0/ADP0/MCLK
00001
AD1
PTA1/ADP1/ACMP1+
00010
AD2
PTA2/ADP2/ACMP1P-
00011
AD3
PTA3/ADP3/ACMP1O
00100
AD4
PTA4/ADP4
00101
AD5
PTA5/ADP5
00110
AD6
PTA6/ADP6
00111
AD7
PTA7/ADP7
01000
AD8
PTB0/ADP8
01001
AD9
PTB1/ADP9
01010
AD10
PTB2/ADP10
01011
AD11
PTB3/ADP11
01100
AD12
PTB4/ADP12
01101
AD13
PTB5/ADP13
01110
AD14
PTB6/ADP14
01111
AD15
PTB7/ADP15
10000
AD16
PTC0/ADP16
10001
AD17
PTC1/ADP17
10010
AD18
PTC2/ADP18
10011
AD19
PTC3/ADP19
10100
AD20
PTC4/ADP20
10101
AD21
PTC5/ADP21
10110
AD22
PTC6/ADP22
10111
AD23
PTC7/ADP23
11000–
AD24 through AD25
Reserved
11001
11010
AD26
Temperature Sensor1
11011
AD27
Internal Bandgap2
11100
VREFH
VREFH
11101
VREFH
VREFH
11110
VREFL
VREFL
11111
Module Disabled
None
ADCH
Channel
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com