| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XM33C321ASPZR bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 122 page ![]() 6.4 Connections for Unused Pins Table 6-21 lists the correct termination of unused pins. Table 6-21. Connection of Unused Pins PIN (1) POTENTIAL COMMENT PAx and PBx Open Set corresponding pin functions to GPIO (PINCMx.PF = 0x1) and configure unused pins to output low or input with the internal pullup or pulldown resistor enabled. NRST VCC NRST is an active-low reset signal. Pull the pin high to VCC, or the device cannot start. For more information, see Section 9.1. (1) Any unused pin with a function that is shared with general-purpose I/O must follow the "PAx and PBx" unused pin connection guidelines. www.ti.com MSPM33C321A, MSPM33C3219 SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 41 Product Folder Links: MSPM33C321A MSPM33C3219 |