công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XM33C321ASPZR bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện XM33C321ASPZR
Giải thích chi tiết về linh kiện  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
• IO = Input, output, or simultaneous input and output
• ID = Input with open-drain behavior
• OD = Output with open-drain behavior
• IOD = Input, output, or simultaneous input and output with open-drain behavior
• A = Analog
• PWR = Power function
3. DESCRIPTION: A description of the signal.
4. PIN: Associated pin number.
Note
The IOMUX only supports connecting one IOMUX-managed digital function to the pin at the same
time. However, non-IOMUX managed signals (such as analog inputs and WAKE inputs) can be
enabled on a pin at the same time that an IOMUX managed digital function is enabled on the pin. In
this case, the designer must verify that no contention exists between the functions enabled on each
pin.
Note
The MP pin refers to the thermal dissipation pad at the center of the package.
Table 6-3. Analog to Digital Converter (ADC) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
ADC0_0
A
ADC0 analog input channel
0
99
99
79
31
47
B2
B8
ADC0_1
A
ADC0 analog input channel
1
98
98
78
30
46
C2
E5
ADC0_2
A
ADC0 analog input channel
2
94
94
74
26
45
D1
H6
ADC0_3
A
ADC0 analog input channel
3
93
93
73
25
44
E2
A5
ADC0_4
A
ADC0 analog input channel
4
95
95
75
27
C1
C5
ADC0_5
A
ADC0 analog input channel
5
86
86
71
23
42
F2
F4
ADC0_6
A
ADC0 analog input channel
6
82
82
67
19
41
F3
H4
ADC0_7
A
ADC0 analog input channel
7
77
77
62
18
40
H2
B2
ADC0_8
A
ADC0 analog input channel
8
51
51
41
5
27
J10
M6
ADC0_9
A
ADC0 analog input channel
9
52
52
42
6
28
K10
N1
ADC0_10
A
ADC0 analog input channel
10
70
70
55
11
33
K3
E1
ADC0_12
A
ADC0 analog input channel
12
53
53
43
7
29
K8
K6
ADC0_13
A
ADC0 analog input channel
13
67
67
52
G6
ADC0_14
A
ADC0 analog input channel
14
68
68
53
G5
ADC0_15
A
ADC0 analog input channel
15
71
71
56
12
34
J4
F2
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com