công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 119 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 119 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 115Page - NEC MPD78CP18KB Datasheet HTML 116Page - NEC MPD78CP18KB Datasheet HTML 117Page - NEC MPD78CP18KB Datasheet HTML 118Page - NEC MPD78CP18KB Datasheet HTML 119Page - NEC MPD78CP18KB Datasheet HTML 120Page - NEC MPD78CP18KB Datasheet HTML 121Page - NEC MPD78CP18KB Datasheet HTML 122Page - NEC MPD78CP18KB Datasheet HTML 123Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
101
<a> The timer/event counter ECNT is cleared, CO0 output is driven low, and LV0 is set. This is done in the
same way as in step <a> of (1) "programmable rectangular-wave output".
<b> The PC5 in of port C is set as CI input, and the PC6 pin as CO0 output.
Figure 6-21. Port C Setting (Single Pulse Output)
×
×
MCC
0
2
4
5
6
7
11
××
×
×
31
PC5 as CI input
PC6 as CO0 output
<c> Internal interrupt (INTEIN) masking is released by means of the interrupt mask register (MKL).
Internal interrupts (INTAD) with the same priority as INTEIN must be masked by the interrupt mask
register (MKH).
Figure 6-22. Interrupt Mask Register Setting (Single Pulse Output: INTEIN Mask Release)
<d> Timer/event counter operation setting is performed by the timer/event counter mode register (ETMM).
The following settings are made in the timer/event counter mode register (ETMM): An internal clock
(
φ12) as the ECNT input clock, and free running as the ECNT clear mode.
Timer/event counter operation is started by setting the timer/event counter mode register.
×
0
MKL
0
2
4
5
6
7
×××
×
×
×
31
INTEIN masking released
×
×
MKH
0
2
4
5
6
7
×××
×
×
1
31
INTAD masking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com