công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 116 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 116 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 112Page - NEC MPD78CP18KB Datasheet HTML 113Page - NEC MPD78CP18KB Datasheet HTML 114Page - NEC MPD78CP18KB Datasheet HTML 115Page - NEC MPD78CP18KB Datasheet HTML 116Page - NEC MPD78CP18KB Datasheet HTML 117Page - NEC MPD78CP18KB Datasheet HTML 118Page - NEC MPD78CP18KB Datasheet HTML 119Page - NEC MPD78CP18KB Datasheet HTML 120Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
98
<a> The timer/event counter ECNT is cleared and CO0 output is driven low. To drive the CO0 output low,
LV0 is reset and that level is output to CO0.
Figure 6-17. Timer/Event Counter Mode Register Setting (Programmable Rectangular-Wave Output:
ECNT Clear, CO0 Output Reset)
<b> The PC6 pin of port C is set as CO0 output.
Figure 6-18. Port C Setting (Programmable Rectangular-Wave Output)
<c> To determine the low-level width and cycle of the rectangular-wave to be output to the CO0 pin, 00C8H
(low level=200
µs) is set in ETM0 (timer/event counter REG0) and 01F4H (cycle=500 µs) is ETM1 (at
12 MHz operation).
<d> Timer/event counter operation setting is performed by the timer/event counter mode register (ETMM).
Settings are as follows: An internal clock (
φ12) as the ECNT input clock, a match between ECNT and
ETM1 as the ECNT clear mode, and a match between ECNT and ETM0 or between ECNT and ETM1
as the CO0 output timing. Timer/event counter operation is started by setting the timer/event counter
mode register.
0
0
ETMM
0
2
4
5
6
7
000
0
0
0
31
Clear and stop ECNT
1
0
EOM
0
2
4
5
6
7
000
0
1
1
31
Output of LV0 contents
LV0 level inversion enabled
LV0 reset
×
×
MCC
0
2
4
5
6
7
1
××
×
×
×
31
PC6 as CO0 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com