công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 121 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 121 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 117Page - NEC MPD78CP18KB Datasheet HTML 118Page - NEC MPD78CP18KB Datasheet HTML 119Page - NEC MPD78CP18KB Datasheet HTML 120Page - NEC MPD78CP18KB Datasheet HTML 121Page - NEC MPD78CP18KB Datasheet HTML 122Page - NEC MPD78CP18KB Datasheet HTML 123Page - NEC MPD78CP18KB Datasheet HTML 124Page - NEC MPD78CP18KB Datasheet HTML 125Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
103
<a> 100
µs after the fall of the CI input, a pulse with a width of 200 µs is output to the CO0 pin, and thus
the value obtained by adding 0064H (100
µs) to the ECPT value is set in ETM0, and the value obtained
by adding 012CH (300
µs) to the ECPT value is set in ETM1 (at 12 MHz operation).
<b> CO0 output timing is specified by setting the timer/event counter mode register (ETMM) to a match
between ECNT and ETM0 or between ECNT and ETM1.
The ECNT input clock and ECNT clear mode are kept as they are.
LV0 of the output control circuit is set and LV0 level inversion enabled by setting the timer/event counter
output mode register (EOM).
Figure 6-24. Timer/Event Counter Mode Register Setting (Single Pulse Output:
CO0 Output Timing Setting)
1
0
ETMM
0
2
4
5
6
7
011
0
0
0
31
ECNT input clock: Internal clock ( 12)
ECNT clear mode: Free running
φ
0
0
EOM
0
2
4
5
6
7
000
1
1
0
31
LV0 level inversion enabled
LV0 set
CO0 output timing: Match between
ECNT and ETM0, or
match between
ECNT and ETM1
<c> Masking of interrupts (INTE1) generated by a match between ECNT and ETM1 is released by setting
the interrupt mask register (MKL). INTE0 interrupts, which have the same priority as INTE1 interrupts,
must be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com