| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 314 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 314 Page - NEC |
|
314 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 296 DSBB EA, rp3 (Subtract Register Pair from EA with Borrow) <1> Operation code : 01110100 111101P1 P0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : EA ← EA–rp3–CY Subtracts the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3) including the CY flag from the contents of the extended accumulator, and stores the result in the extended accumulator. <5> Flags affected : Z, SK ← 0, HC, L1 ← 0, L0 ← 0, CY DSUBNB EA, rp3 (Subtract Register Pair from EA. Skip if No Borrow) <1> Operation code : 01110100 101101P1 P0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : EA ← EA–rp3; Skip if no borrow. Subtracts the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3) from the contents of the extended accumulator, and stores the result in the extended accumulator. Skips if no borrow is generated as a result of the subtraction. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY DAN EA, rp3 (And Register Pair with EA) <1> Operation code : 01110100 100011P1 P0 <2> Number of bytes : 2 <3> Number of states : 11 (8) <4> Function : EA ← EA rp3 Obtains the logical product of the contents of the extended accumulator and the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3), and stores the result in the extended accumulator. <5> Flags affected : Z, SK ← 0, L1 ← 0, L0 ← 0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |