| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 318 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 318 Page - NEC |
|
318 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 300 14.6.8 Multiplication/division instructions MUL r2 (Multiply A by Register) <1> Operation code : 01001000 001011R1 R0 <2> Number of bytes : 2 <3> Number of states : 32 (8) <4> Function : EA ← A × r2 Performs unsigned multiplication of the contents of the accumulator by the contents of the register r2 (A, B, C) specified by R1R0 (1 to 3), and stores the result in the extended accumulator. <5> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 DIV r2 (Divide EA by Register) <1> Operation code : 01001000 001111R1 R0 <2> Number of bytes : 2 <3> Number of states : 59 (8) <4> Function : EA ← EA ÷ r2, r2 ← remainder Divides (unsigned division) the contents of the extended accumulator by the contents of the register r2 (A, B, C) specified by R1R0 (1 to 3), and stores the quotient in the extended accumulator and the remainder in register r2. If r2 = 0 (0 divisor), FFFFH is stored in EA and the contents of the low-order 8 bits of EA prior to execution of the instruction are stored in r2. <5> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |