công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 316 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 316 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 312Page - NEC MPD78CP18KB Datasheet HTML 313Page - NEC MPD78CP18KB Datasheet HTML 314Page - NEC MPD78CP18KB Datasheet HTML 315Page - NEC MPD78CP18KB Datasheet HTML 316Page - NEC MPD78CP18KB Datasheet HTML 317Page - NEC MPD78CP18KB Datasheet HTML 318Page - NEC MPD78CP18KB Datasheet HTML 319Page - NEC MPD78CP18KB Datasheet HTML 320Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
298
DLT EA, rp3
(Less Than Register Pair)
<1> Operation code
:
01110100
101111P1
P0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
EA–rp3; Skip if borrow.
Subtracts the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3) from the contents of
the extended accumulator, and skips if a borrow is generated as a result of the subtraction (EA<rp3).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
DLT EA, B; EA–BC
A skip is performed if BC is greater than EA.
DNE EA, rp3
(Not Equal Register Pair with EA)
<1> Operation code
:
01110100
111011P1
P0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
EA–rp3; Skip if no zero.
Subtracts the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3) from the contents of
the extended accumulator, and skips if the result of the subtraction is not zero (EA
≠rp3).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
DNE EA, B; EA–BC
A skip is performed if EA and BC are not equal.
DEQ EA, rp3
(Equal Register Pair with EA)
<1> Operation code
:
01110100
111111P1
P0
<2> Number of bytes :
2
<3> Number of states :
11 (8)
<4> Function
:
EA–rp3; Skip if zero.
Subtracts the contents of the register pair rp3 (BC, DE, HL) specified by P1P0 (1 to 3) from the contents of
the extended accumulator, and skips if the result of the subtraction is zero (EA=rp3).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
DEQ EA, B; EA–BC
A skip is performed if EA and BC are equal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com