công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 310 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 310 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 306Page - NEC MPD78CP18KB Datasheet HTML 307Page - NEC MPD78CP18KB Datasheet HTML 308Page - NEC MPD78CP18KB Datasheet HTML 309Page - NEC MPD78CP18KB Datasheet HTML 310Page - NEC MPD78CP18KB Datasheet HTML 311Page - NEC MPD78CP18KB Datasheet HTML 312Page - NEC MPD78CP18KB Datasheet HTML 313Page - NEC MPD78CP18KB Datasheet HTML 314Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
292
NEIW wa, byte
(Not Equal Immediate with Working Register)
<1> Operation code
:
01100101
Offset
Data
<2> Number of bytes :
3
<3> Number of states :
13 (10)
<4> Function
:
(V.wa)–byte; Skip if no zero.
Subtracts the immediate data in the 3rd byte from the contents of the working register addressed by the
V register (high-order 8 bits) and the immediate data in the 2nd byte (low-order 8 bits), and skips if the result
of the subtraction is not zero ((V.wa)
≠byte).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
EQIW wa, byte
(Equal Immediate with Working Register)
<1> Operation code
:
01110101
Offset
Data
<2> Number of bytes :
3
<3> Number of states :
13 (10)
<4> Function
:
(V.wa)–byte; Skip if zero.
Subtracts the immediate data in the 3rd byte from the contents of the working register addressed by the
V register (high-order 8 bits) and the immediate data in the 2nd byte (low-order 8 bits), and skips if the result
of the subtraction is zero ((V.wa)=byte).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
ONIW wa, byte
(On-Test Immediate with Working Register)
<1> Operation code
:
01000101
Offset
Data
<2> Number of bytes :
3
<3> Number of states :
13 (10)
<4> Function
:
(V.wa)
byte; Skip if no zero.
Obtains the logical product of the contents of the working register addressed by the V register (high-order
8 bits) and the immediate data in the 2nd byte (low-order 8 bits), and the immediate data in the 3rd byte,
and skips if the result is not zero.
<5> Flags affected
:
Z, SK, L1
← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com