công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 306 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 306 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 302Page - NEC MPD78CP18KB Datasheet HTML 303Page - NEC MPD78CP18KB Datasheet HTML 304Page - NEC MPD78CP18KB Datasheet HTML 305Page - NEC MPD78CP18KB Datasheet HTML 306Page - NEC MPD78CP18KB Datasheet HTML 307Page - NEC MPD78CP18KB Datasheet HTML 308Page - NEC MPD78CP18KB Datasheet HTML 309Page - NEC MPD78CP18KB Datasheet HTML 310Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
288
ORAW wa
(Or Working Register with A)
<1> Operation code
:
01110100
10011000
Offset
<2> Number of bytes :
3
<3> Number of states :
14 (11)
<4> Function
:
A
← A (V.wa)
Obtains the logical sum of the contents of the accumulator and the contents of the working register addressed
by the V register (high-order 8 bits) and the immediate data in the 3rd byte (low-order 8 bits), and stores the
result in the accumulator.
<5> Flags affected
:
Z, SK
← 0, L1 ← 0, L0 ← 0
XRAW wa
(Exclusive-Or Working Register with A)
<1> Operation code
:
01110100
10010000
Offset
<2> Number of bytes :
3
<3> Number of states :
14 (11)
<4> Function
:
A
← A (V.wa)
Obtains the exclusive logical sum of the contents of the accumulator land the contents of the working register
addressed by the V register (high-order 8 bits) and the immediate data in the 3rd byte (low-order 8 bits), and
stores the result in the accumulator.
<5> Flags affected
:
Z, SK
← 0, L1 ← 0, L0 ← 0
GTAW wa
(Greater Than Working Register)
<1> Operation code
:
01110100
10101000
Offset
<2> Number of bytes :
3
<3> Number of states :
14 (11)
<4> Function
:
A–(V.wa)–1; Skip if no borrow.
Subtracts the contents of the working register addressed by the V register (high-order 8 bits) and the
immediate data in the 3rd byte (low-order 8 bits) and 1 from the contents of the accumulator. Skips if no
borrow is generated as a result of the subtraction (A>(V.wa)).
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com