| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX93CEC bảng dữ liệu(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX93CEC bảng dữ liệu(HTML) 102 Page - NXP Semiconductors |
|
102 / 123 page ![]() 6.2.2 9 x 9 mm supplies contact assignments and functional contact assignments Table 104 shows the device connection list for ground, sense, and reference contact signals. Table 104. 9 x 9 mm supplies contact assignment Supply Rail Name Ball(s) Position(s) Remark NVCC_AON H13 — NVCC_BBSM_1P8 E10 — NVCC_GPIO K13 — NVCC_SD2 N12 — NVCC_WAKEUP L6, L9, L11 — VDD_ANA0_0P8 F13 — VDD_ANA0_1P8 F12 — VDD_ANA1_0P8 M13 — VDD_ANA1_1P8 N8 — VDD_ANAVDET_1P8 L12 — VDD_BBSM_0P8_CAP C10 — VDD_SOC G7, G9, G11, H7, H11, K7, K11 — VDD_USB_0P8 C4 — VDD_USB_1P8 E6 — VDD_USB_3P3 E8 — VDD2_DDR K5, M5, N6, P4 — VDDQ_DDR F5, H5 — VSS A1, A17, C6, C8, C12, C14, D3, D15, E12, F3, F6, F8, F10, F15, G6, G12, H3, H9, H15, J6, J12, K3, K9, L7, M3, M6, M8, M10, M12, M15, N10, P3, P15, R4, R6, R8, R10, R12, R14, U1, U17 — Table 105 shows an alpha-sorted list of functional contact assignments of the 9 x 9 mm package. NXP Semiconductors IMX93CEC i.MX 93 Applications Processors Data Sheet for Commercial Products IMX93CEC All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 7 — 12 February 2026 Document feedback 102 / 123 |