| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX93CEC bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX93CEC bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 123 page ![]() Table 1. Features ...continued Subsystem Features Flexible power domain partitioning with internal power switches to support efficient power management Connectivity Two USB 2.0 controllers and PHYs interfaces Two Controller Area Network (FlexCAN) modules, each optionally supporting flexible data-rate (FD) Two Improved Inter Integrated Circuit (I3C) modules Two 32-pin FlexIO modules Three Ultra Secure Digital Host Controller (uSDHC) interfaces Two Ethernet controllers (capable of simultaneous operation): • One Gigabit Ethernet controller with support for Energy Efficient Ethernet (EEE), Ethernet AVB, and IEEE 1588 • One Gigabit Ethernet controller with support for TSN in addition to EEE, Ethernet AVB, and IEEE 1588 Eight Low Power SPI (LPSPI) modules Eight Low Power I2C modules Eight Low Power Universal Asynchronous Receiver/Transmitter (LPUART) modules: • Programmable baud rates up to 5 Mbps One Analog-to-Digital Converter (SAR ADC) module • 12-bit 4-channel with 1 MS/s Security Trusted Resource Domain Controller (TRDC) • Supports 16 domains Arm® TrustZone® (TZ) architecture, including both Trustzone-A and Trustzone-M On-chip RAM (OCRAM) secure region protection using OCRAM controller EdgeLock® secure enclave Battery Backed Security Module (BBSM) • Secure real-time clock (RTC) System debug Arm® CoreSight™ debug and trace technology Embedded Trace FIFO (ETF) with 4 KB internal storage to provide trace buffering Unified trace capability for dual core Cortex®-A55 and Cortex®-M33 CPUs Table continues on the next page... NXP Semiconductors IMX93CEC i.MX 93 Applications Processors Data Sheet for Commercial Products IMX93CEC All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 7 — 12 February 2026 Document feedback 5 / 123 |