công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 112 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 112 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 144 page
background image
SH79F3283
112
Table 8.37 ADC Control Register 1
92H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON1
-
-
-
-
-
RESO
CH8
SCH3
R/W
-
-
-
-
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
0
0
0
Bit Number
Bit Mnemonic
Description
2
RESO
ADC Resolution select bit
0: Resolution is 12bit, ADDH is the high byte, ADDL[3:0] is the low 4 bit
1: Resolution is 10bit, ADDH is the high byte, ADDL[1:0] is the low 2 bit
1
CH8
Channel Configuration bits
0: P4.4 is I/O port
1: P4.4 is ADC input port
Note: If REFC = 1, P4.4 is AVREF input pin, this bit is invalid.
0
SCH3
ADC channel Select bits (Combination control with SCH[2:0])
1000: ADC channel AN8
11xx: internal 1.25V Reference
Note: set up time < 12us
Table 8.38 ADC Time Configuration Register
94H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADT
TADC2
TADC1
TADC0
CDIR
TS3
TS2
TS1
TS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-5
TADC[2:0]
ADC Clock Period Select bits
000: ADC Clock Period tAD = 2 tSYS
001: ADC Clock Period tAD = 4 tSYS
010: ADC Clock Period tAD = 6 tSYS
011: ADC Clock Period tAD = 8 tSYS
100: ADC Clock Period tAD = 12 tSYS
101: ADC Clock Period tAD = 16 tSYS
110: ADC Clock Period tAD = 24 tSYS
111: ADC Clock Period tAD = 32 tSYS
4
CDIR
ADC compare polarity select bit(EC = 1)
0: Analog input > ADDATH/L, set ADCIF to1
1: Analog input < ADDATH/L, set ADCIF to1
3-0
TS[3:0]
Sample time select bits
2 tAD
≤ Sample time = (TS [3:0]+1) X tAD ≤ 15 tAD
Note:
(1) Make sure that tAD ≧ 1µs;
(2) The minimum sample time is 2 tAD, even TS[3:0] = 0000;
(3) The maximum sample time is 15 tAD, even TS[3:0] = 1111;
(4) Evaluate the series resistance connected with ADC input pin before set TS[3:0];
(5) Be sure that the series resistance connected with ADC input pin is no more than 10k
Ω when 2 t
AD sample time is selected;
(6) Total conversion time is: 12 tAD + sample time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com