công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 23 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 23 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 144 page
background image
SH79F3283
23
7.2 RAM
7.2.1 Features
SH79F3283 provides both internal RAM and external RAM for random data storage. The internal data memory is mapped into
four separated segments:
 The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly addressable.
 The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only.
 The Special Function Registers (SFR, addresses 80H to FFH) are directly addressable only.
 The 1280 bytes of external RAM (addresses 00H to FFH) are indirectly accessed by MOVX instructions.
The Upper 128 bytes occupy the same address space as SFR, but they are physically separate from SFR space. When an
instruction accesses an internal location above address 7FH, the CPU can distinguish whether to access the upper 128 bytes
data RAM or to access SFR by different addressing mode of the instruction.
SH79F3283 provides an extra 1280 bytes of RAM to support high-level language in external data space. Also, SH79F3283
provides 28 bytes LCD RAM (500H - 51BH).
51BH
7FH
80H
0FFH
0FFH
80H
00H
00H
Upper
128 bytes
Internal
Ram
indirect accesses
Lower
128 bytes
Internal
Ram
direct or indirect
accesses
Extenal
RAM
SFR
Bank0
direct accesses
500H
4FFH
LCD RAM
SFR
Bank1
direct accesses
80H
0FFH
The Internal and External RAM Configuration
The SH79F3283 provides traditional method for accessing of external RAM. Use MOVXA, @Ri or MOVX @Ri, A; to access
external low 256 bytes RAM; MOVX A, @DPTR or MOVX @DPTR, A also to access external 1308 bytes RAM.
In SH79F3283 the user can also use XPAGE register to access external RAM only with MOVX A, @Ri or MOVX @Ri, A
instructions. The user can use XPAGE to represent the high byte address of RAM above 256 Bytes.
In Flash SSP mode, the XPAGE can also be used as sector selector (Refer to SSP Function).
7.2.2 Register
Table 7.3 Data Memory Page Register
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
-
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
6-0
XPAGE[6:0]
RAM Page Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com