công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 85 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 85 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
SH79F3283
85
Programming Note:
(1) Set PWMLO register to 55H and select the PWM module system clock.
(2) Set the PWM period/duty cycle by writing proper value to the PWM period control register (PWMP) or PWM duty control
register (PWMD). First set the low Byte, then the high Byte. Note that even if the high constant value keeps unchanged, it
also needs to rewrite once, otherwise, the low modify is invalid.
(3) Select the PWM output mode (high level valid or low level valid) by writing the PWM0S bit in the PWM control register
(PWMC).
(4) In order to output the desired PWM waveform, enable the PWM module by writing “1” to the EPWM0x (x = A, B, C) or
EPWM01x (x = A, B, C) bit in the PWM control register (PWMC).
(5) If the PWM period cycle or duty cycle is to be changed, the writing flow should be followed as described in step 2 or step 3.
The modified reloading counter value will take effect in the next period.
(6) Change the data in PWMLO register not equal to 55h in order to enhance the anti-noise ability.
PWM0 clock t
PWM
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 01 02 03 04 05 06 07 08
Write [PPn.11, PPn.0] = 0DH
Write [PDn.11, PDn.0] = 07H
PWM0 output
(PWMnS = 0)
Period cycle = 0FH x t
PWM
Duty cycle
= 06H x t
PWM
Period cycle = 0DH x t
PWM
Duty cycle
= 06H x t
PWM
Duty cycle
= 07H x t
PWM
PWM0 Output Period or Duty Cycle Changing Example
8.3.5 PWM01x (x = A, B, C)
Generally PWM0x(x = A, B, C) have a 180 degree phase delay with PWM01x (x = A, B, C) as shown below when there is no
dead time inserted. It is automatically generated by hardware when EPWM01x (x = A, B, C) in PWM timer enable register is
set.
PWM0x output
(PWM0S = 0)
PWM01x output
(PWM0S = 0)
x=A,B,C
x=A,B,C
PWM0 and PWM01 Output Waveform
Note:
(1) That even if PWM0x(x = A, B, C) are disable, PWM01x(x = A, B, C) can also work if enable.
(2) If EFLT is set, when a valid event occurs on FLT pin, PWM0x(x = A, B, C) and PWM01x(x = A, B, C) are both LOW (PWMS
= 0) or both HIGH (PWMS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com