công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 91 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
SH79F3283
91
Any instruction that uses SBUF as a destination register (“write to SBUF” signal) will start the transmission. The next system
clock tells the Tx control block to commence a transmission. The data shift occurs at the falling edge of the SHIFT CLOCK,
and the contents of the transmit shift register is shifted one position from left to the right. As data bits shift to the right, zeros
come in from the left. After transmission of all 8 bits in the transmit shift register, the Tx control block will deactivates SEND
and sets TI (SCON.1) at the rising edge of the next system clock.
Write to SBUF
D0
D1
D2
D3
D4
D5
D6
D7
RxD
TI
Send Timing of Mode 0
TxD
Reception is initiated by the condition REN (SCON.4) = 1 and RI (SCON.0) = 0. The next system clock activates RECEIVE.
The data latch occurs at the rising edge of the SHIFT CLOCK, and the contents of the receive shift register are shifted one
position to the left. After the receiving of all 8 bits into the receive shift register, the RX control block will deactivates RECEIVE
and sets RI at the rising edge of the next system clock, and the reception will not be enabled till the RI is cleared by software.
RxD
D0
D1
D2
D3
D4
D5
D6
D7
RI
Receive Timing of Mode 0
TxD
Mode1: 8-Bit EUART, Variable Baud Rate, Asynchronous Full-Duplex
This mode provides the 10 bits full duplex asynchronous communication. The 10 bits consist of a start bit (logical 0), 8 data
bits (LSB first), and a stop bit (logical 1). When receiving, the eight data bits are stored in SBUF and the stop bit goes into RB8
(SCON.2). The serial receive and transmit baud rate is 1/16 of the Timer4/2 overflow (Refer to Baud Rate Section for details).
The functional block diagram is shown below.
Timer 4 Overflow
SERIAL
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
Serial Port Interrupt
CLOCK
SIN
PAROUT
RXD
Read SBUF
Internal
Data Bus
Receive Shift Register
Timer 2 Overflow
1
0
1
0
1
0
16
÷
16
÷
1-TO-0
DETECTOR
Write to SBUF
BIT
DETECTOR
D8
SBUF
RB8
SAMPLE
2
÷
TXD
PARIN
LOAD
CLOCK
SOUT
Internal
Data Bus
Transmit Shift Register
START
D8
TB8
STOP
SMOD
TCLK
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com