công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 60 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 60 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
SH79F3283
60
7.9.4 Interrupt Flag
Each Interrupt source has its own interrupt flag, when interrupt occurs, corresponding flag will be set by hardware, the interrupt
flag bits are listed in interrupt abstract table.
When an external interrupt INT0/1/2/3 is generated, if the interrupt was edge trigged, the flag IEx (x = 0-3) that generated this
interrupt is cleared by hardware when the service routine is vectored. If the interrupt was level trigged, then the requesting
external source directly controls the request flag, rather than the on-chip hardware.
When INT4 generates an interrupt, the flag (IF4x (x = 0-7) in EXF1 register) that generated this interrupt should be cleared by
user’s program because the same vector entrance was used in INT4. But if INT4 is set up as level trigged, the flag can’t be
cleared by user’s program, it only be controlled by peripheral signal level that connect to INT source pin.
The Timer2 interrupt is generated by the logical OR of flag TF2 in T2CON register, which is set by hardware. None of these
flags can be cleared by hardware after CPU responses to the interrupt, the flag must be cleared by software
When the Timer3 counter overflow, set interrupt flag bit TF3 in T3CON to 1 to generate Timer3 interrupt. The flag will be
cleared automatically by hardware after CPU responses to the interrupt.
When the Timer4 counter overflow, set interrupt flag bit TF4 in T4CON to 1 to generate Timer4 interrupt. The flag will be
cleared automatically by hardware after CPU responses to the interrupt.
When the Timer5 counter overflow, set interrupt flag bit TF5 in T5CON to 1 to generate Timer5 interrupt. The flag will be
cleared automatically by hardware after CPU responses to the interrupt.
The EUARTx(x = 0, 1) interrupts is generated by the logical OR of flag RI and TI in SCON/SCON1 register, which is set by
hardware. Neither of these flags can be cleared by hardware when the service routine is vectored. In fact, the service routine
will normally have to determine whether it was the receive interrupt flag or the transmission interrupt flag that generated the
interrupt, so the flag must be cleared by software.
The ADC interrupt is generated by ADCIF bit in ADCON. If an interrupt is generated, the converted result in ADCDH/ADCDL
will be valid. If continuous compare function in ADC module is Enable, ADCIF will not be clear at each conversion when
conversion results is less than the compare value. But if converted result is larger than compare value, ADCIF bit will be 1.
The flag must be cleared by software.
The SPI interrupt are generated by SPIF in SPSTA or set MODF. The flags can be cleared by software.
The SCM interrupt is generated by SCMIF in CLKCON register, which is set by hardware. And the flag can only be cleared by
hardware.
The LPD interrupt is generated by LPDF in LPDCON register. And the flag can only be cleared by hardware. By setting the
LPDMD, can choose when the VDD voltage is above or below the LPD set generated when the detecting voltage interruption of
LPD.
The PWM interrupts are generated by PWMxIF in PWMxC (x = 0, 1). The flags can be cleared by software.
The CRC interrupt is generated by CRCIF in CRCCON. The flags can be cleared by software.
Table 7.43 External Interrupt 0/1 Control Register
88H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCON
-
-
-
-
IE1
IT1
IE0
IT0
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
1, 3
IEx
(x = 0, 1)
External interrupt x request flag bit
0: No interrupt pending
1: Interrupt is pending
0, 2
ITx
(x = 0, 1)
External interrupt x trigger mode selection bit
0: Low level trigger
1: Falling edge trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com