công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 53 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 53 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
SH79F3283
53
Mode2: Mode2: 16 bit Auto-Reload Timer with T4 Edge Trig
Timer4 operates as 16-bit timer in Mode 2. T4CLKS bit in T4CON.0 will be always 0. Timer4 can select system clock as clock
source. Other settings accord with mode 0.
In Mode 2, After setting the TR4 bit (T4CON.1), Timer4 does not start counting but waits the trig signal (rising or falling edge
controlled by T4M[1:0]) from T4. An active trig signal will start the Timer4. When Timer 4 overflows from 0XFFFF to 0x0000,
TF4 will be set, TH4 and TL4 will be reloaded from timer load register, and Timer4 holds and waits the next trig edge.
When Timer4 is working, an active trig signal maybe come, if TC4 = 0, the trig signal will be ignored; if TC4 = 1, Timer4 will be
re-trigged.
Setting TR4 does not clear the counter data of Timer4. The timer register should be loaded with the desired initial value before
the timer is enabled.
TF4
The Block Diagram of Mode 2 of Timer 4
TL4
TH4
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
T4
Interrupt
Request
Overflow
Flag
TR4
System Clock
Prescaler
1,8,64,256
T4PS[1:0]
+
control
M2_en
TC4
control
: M2_en set to 1 when T4 edge trig, M2_en set to 0 when counter overflow
Note: When Timer4 is used as a counter, the frequency of input signal of T4 pin must be less than half of system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com