công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 78 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 78 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
SH79F3283
78
8.2 LED Driver
The LED driver contains a controller, a duty generator with 3-8 Common signal pins and 8 Segment driver pins. Support
1/3-1/8 duty voltage driver mode, the 1/3-1/8 duty is adjustable. Set DISPSEL bit can select the LED driver mode.
LED SEG1-SEG8 can be shared as I/O. When DISPSEL = 1, LCD is disable and LED is enable. The P0SS and P2SS
registers are invalid, select the mode of LED_SEG 1-8 and LED_C1-LED_C8 is controlled by P1SS, P3SS registers.
The DISPSEL bit must be set to 1 before enable LED driver.
The Common Ports integrated large current sink ability, when OP_P37-P34 = 0 and OP_P33-P.0 = 1, the Port3 large current
sink ability is enable. (Refer to Code Option)
During the Power in Reset, Pin Reset, LVR Reset and Watchdog Reset, the LED driver will be turned off.
8.2.1 Register
Table 8.8 LED Control Register
ABH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON
DISPSEL
LEDON
-
DUTY0
-
-
-
-
R/W
R/W
R/W
-
R/W
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
7
DISPSEL
LCD/LED control bit
0: select LCD driver
1: select LED driver
6
LEDON
LED control bit
0: turn off LED driver
1: turn on LED driver
4
DUTY0
DUTY[2:1]
LED duty selection bit (Combination control with DUTY[2:1])
Refer to DUTY[2:1]
Note: SH79F3283 has LCD and LED driver, but cannot work at the same time. When DISPSEL = 1, LCD is disabled, when
DISPSEL = 0, LED is disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com