công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 22 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 22 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
SH79F3283
22
7.1.2 Enhanced CPU core SFRs
 Extended 'MUL' and 'DIV' instructions: 16bit X 8bit, 16bit/8bit
 Dual Data Pointer
 Enhanced CPU core registers: AUXC, DPL1, DPH1, INSCON
The SH79F3283 has modified 'MUL' and 'DIV' instructions. These instructions support 16 bit operand. A new register - the
register AUXC is applied to hold the upper part of the operand/result.
The AUXC register is used during 16 bit operand multiply and divide operations. For other instructions it can be treated as
another scratch pad register.
After reset, the CPU is in standard mode, which means that the 'MUL' and 'DIV' instructions are operating like the standard
8051 instructions. To enable the 16 bit mode operation, the corresponding enable bit in the INSCON register must be set.
Operation
Result
A
B
AUXC
MUL
INSCON.2 = 0; 8 bit mode
(A)*(B)
Low Byte
High Byte
---
INSCON.2 = 1; 16 bit mode
(AUXC A)*(B)
Low Byte
Middle Byte
High Byte
DIV
INSCON.3 = 0; 8 bit mode
(A)/(B)
Quotient Low Byte
Remainder
---
INSCON.3 = 1; 16 bit mode
(AUXC A)/(B)
Quotient Low Byte
Remainder
Quotient High Byte
Dual Data Pointer
Using two data pointers can accelerate data memory moves. The standard data pointer is called DPTR and the new data
pointer is called DPTR1.
DPTR1 is similar to DPTR, which consists of a high byte (DPH1) and a low byte (DPL1). Its intended function is to hold a 16-bit
address, but it may be manipulated as a 16-bit register or as two independent 8-bit registers.
The DPS bit in INSTCON register is used to choose the active pointer by setting 1 or 0. And all DPTR-related instructions will
use the currently selected data pointer.
7.1.3 Register
Table 7.2 Data Pointer Select Register
86H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
INSCON
-
BKS0
-
-
DIV
MUL
-
DPS
R/W
-
R/W
-
-
R/W
R/W
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
-
-
0
0
-
0
Bit Number
Bit Mnemonic
Description
6
BKS0
SFR Bank Selection Bit
0: SFR Bank0 selected
1: SFR Bank1 selected
3
DIV
16 bit/8 bit Divide Selection Bit
0: 8 bit Divide
1: 16 bit Divide
2
MUL
16 bit/8 bit Multiply Selection Bit
0: 8 bit Multiply
1: 16 bit Multiply
0
DPS
Data Pointer Selection Bit
0: Data pointer
1: Data pointer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com