công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 27 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 27 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
SH79F3283
27
7.4 SSP Function
The SH79F3283 provides SSP (Self Sector Programming) function, each sector can be sector erased or programmed by the
user’s code if the selected sector is not be protected. But once sector has been programmed, it cannot be reprogrammed
before sector erase.
The SH79F3283 builds in a complex control flow to prevent the code from carelessly modification. If the dedicated conditions
are not met (IB_CON2-5), the SSP will be terminated.
7.4.1 Register
Table 7.4 Memory Page Register for Programming (For Flash memory, one sector is 1024 bytes)
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
-
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
6-2
XPAGE[6:2]
Sector of the flash memory to be programmed, 0000 means sector 0, and so on
1-0
XPAGE[1:0]
High 2 Address of the flash memory sector to be programmed
Table 7.5 Memory Page Register for Programming (For EEPROM-like memory, one sector is 256 bytes)
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
-
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
6-2
XPAGE[6:2]
Reserved
1-0
XPAGE[1:0]
Sector of the flash memory to be programmed, 00 means sector 0, and so on
Table 7.6 Offset of Flash Memory for Programming
FBH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Low 8 Address of Offset of the flash memory sector to be programmed
Table 7.7 Data Register for Programming
FCH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_DATA
IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_DATA[7:0]
Data to be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com