công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 83 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 83 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
SH79F3283
83
8.3.4 12-bit PWM Timer
The SH79F3283 has one 12-bit PWM module. The PWM module can provide the pulse width modulation waveform with the
period and the duty being controlled, individually. The PWMC is used to control the PWM module operation with proper clocks.
The PWMPH/L is used to control the period cycle of the PWM module output. PWMDH/L is used to control the duty in the
waveform of the PWM module output.
It is acceptable to change these 3 registers during PWM output Enable. All the change will take affect at the next PWM period.
Table 8.15 12-bit PWM Control Register
D2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM0C
PWM0IE
PWM0IF
TnCK02
FLTS
FLTC
PWM0S
TnCK01
TnCK00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
PWM0IE
PWM0 interrupt enable bit (When EPWM bit in IEN1 is set)
0: Disable PWM0 interrupt
1: Enable PWM0 interrupt
6
PWM0IF
PWM0 interrupt flag bit
0: Clear by software
1: Set by hardware to indicate that the PWM0 period counter overflow
5
TnCK02
12 bit PWM clock source select bit (Combination control with TnCK0[1:0])
Refer to TnCK0[1:0]
4
FLTS
FLT states bit
0: PWM is normal states, cleared by software
1: PWM is in inactive states, set automatically by hardware
3
FLTC
FLT pin configuration
0: inactivate the PWM output when FLT is low level
1: inactivate the PWM output when FLT is high level
2
PWM0S
PWM0 output normal mode of duty cycle
0: high active, PWM0 output high during duty time, output low during remain
period time
1: low active, PWM0 output low during duty time, output high during remain
period time
1-0
TnCK0[1:0]
12 bit PWM clock source select bit (Combination control with TnCK02])
000: oscillator clock/2
001: oscillator clock/4
010: oscillator clock/8
011: oscillator clock/16
100: oscillator clock/1
101: oscillator clock/32
110: oscillator clock/64
111: oscillator clock/256
Note: when OP_OSC is 0000, 0011 or 1010, PWM clock is internal RC; when
OP_OSC is 1110, PWM clock is crystal/ceramic from XTAL pin; when OP_OSC
is 0110 or 1101, PWM clock is crystal/ceramic from XTALX pin.
Note:
(1) Inactivate PWM here means PWM0 outputs keep Low (if PWM0S = 0) or High (if PWM0S = 1).
(2) The PWM output will remain in the inactive states as soon as the high/low level of FLT pin is detected
(3) Clearing FLTS bit when a FAULT input is coming will not success.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com