công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 30 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 30 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
SH79F3283
30
7.4.3 SSP Programming Notice
To successfully complete SSP programming, the user’s software must be set as the following the steps:
(1) For Code/Data Programming:
1. Disable interrupt;
2. Fill in the XPAGE, IB_OFFSET for the corresponding address;
3. Fill in IB_DATA if programming is wanted;
4. Fill in IB_CON1-5 sequentially;
5. Add 4 nops for more stable operation;
6. Code/Data programming, CPU will be in IDLE mode;
7. Go to Step 2 if more data are to be programmed;
8. Clear XPAGE; enable interrupt if necessary.
(2) For Sector Erase:
1. Disable interrupt;
2. Fill in the XPAGE for the corresponding sector;
3. Fill in IB_CON1-5 sequentially;
4. Add 4 NOPs for more stable operation;
5. Sector Erase, CPU will be in IDLE mode;
6. Go to step 2 if more sectors are to be erased;
7. Clear XPAGE; enable interrupt if necessary.
(3) For Code Reading:
Just Use “MOVC A, @A+DPTR” or “MOVC A, @A+PC”.
(4) For EEPROM-Like:
Step is same as code programming, the differences are:
1. Set FAC bit in FLASHCON register before programming or erase EEPROM-Like;
2. One sector of EEPROM-Like is 256 bytes, not 1024 bytes.
Note:
(1) The system clock is not less than 200 KHZ to ensure normal FLASH programming
(2) FAC must be cleared when you don't need to do EEPROM-like operation.
FLASHCON Register Description is as follows:
Table 7.13 Flash Access Control Register
A7H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FLASHCON
-
-
-
-
-
-
-
FAC
R/W
-
-
-
-
-
-
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
Bit Number
Bit Mnemonic
Description
7-1
-
Reserved
0
FAC
FAC: Flash access control
0: MOVC or SSP access main memory
1: MOVC or SSP access EEPROM-like



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com