công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 35 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 35 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
SH79F3283
35
7.6 System Clock Monitor (SCM)
In order to enhance the system reliability, SH79F3283 contains a system clock monitor (SCM) module. If the system clock
breaks down (for example the external oscillator stops oscillating), the built-in SCM will switch the OSCCLK to the internal RC
clock, and set system clock monitor bit (SCMIF) to 1. And the SCM interrupt will be generated when EA and ESCM is enabled.
If the external oscillator comes back, SCM will switch the OSCCLK back to the external oscillator and clears the SCMIF
automatically.
Select SCM clock by set up SCMCON, if the built-in SCM detect the system clock breaks down, that will switch the OSCCLK
to the internal SCM clock.
The SCM function is valid when using external clock only.
Notes:
The SCMIF is read only register; it can be clear to 0 or set to 1 by hardware only.
If SCMIF is cleared, the SCM switches the system clock to the state before system clock breaks down automatically.
If Internal RC is selected as OSCSCLK by code option (Refer to code option section for detail), the SCM can not work.
Table 7.15 System Clock Control Register
B2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
-
-
-
SCMIF
-
-
-
-
R/W
-
-
-
R
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN
-
-
-
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
4
SCMIF
System Clock Monitor flag bit
0: Clear by hardware to indicate system clock is normal
1: Set by hardware to indicate system clock fails
Table 7.16 SCM Clock Control Register
A1H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SCMCON
-
-
-
-
-
SCK2
SCK1
SCK0
R/W
-
-
-
-
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN
-
-
-
-
-
0
1
1
Bit Number
Bit Mnemonic
Description
2-0
SCK[2:0]
SCM Clock select bits
000: 2MHz
001: 4MHz
010: 6MHz
011: 8MHz (Default)
100: 12MHz
101-111: 16MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com