công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 31 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 31 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
SH79F3283
31
7.5 System Clock and Oscillator
7.5.1 Features
 Six oscillator types: 32.768kHz crystal oscillator, crystal oscillator, ceramic oscillator and 16MHz/12MHz/8MHz
/128kHz internal RC
 4 Oscillator pin (XTAL1, XTAL2, XTALX1, XTALX2)
 Built-in 16MHz/12MHz/8MHz/128KHz Internal RC
 Built-in 32.768kHz speed up circuit
 Built-in system clock prescaler
7.5.2 Clock Definition
The SH79F3283 have several internal clocks defined as below:
OSCCLK: the oscillator clock is selected from the four oscillator types (32.768kHz crystal oscillator, crystal oscillator, ceramic
oscillator and internal 16M/12M/8M RC/128K oscillator from XTAL input). fOSC is defined as the OSCCLK frequency. tOSC is
defined as the OSCCLK period.
OSCXCLK: the oscillator clock is select from the four oscillator types (32.768kHz crystal oscillator, crystal oscillator, ceramic
oscillator and internal 16M/12M/8M RC/128K oscillator from XTALX input). fOSC is defined as the OSCXCLK frequency. tOSC is
defined as the OSCXCLK period.
Note: OSCXCLK does not exist when code option OP_OSC is not 0011, 0110, 1010, 1101 (32.768kHz/128kHz RC is not
selected, Refer to code option section for details)
WDTCLK: the internal WDT RC clock. fWDT is defined as the WDTCLK frequency. tWDT is defined as the WDTCLK period.
OSCSCLK: the input clock of system clock frequency prescaler. It can be OSCCLK or OSCXCLK. fOSCS is defined as the
OSCSCLK frequency. tOSCS is defined as the OSCSCLK period.
SYSCLK: system clock, the output clock of system clock prescaler. It is the CPU instruction clock. fSYS is defined as the
SYSCLK frequency. tSYS is defined as the SYSCLK period.
7.5.3 Description
SH79F3283 has six oscillator types: 32.768kHz crystal oscillator, crystal oscillator/ceramic oscillator (2MHz-16MHz) and
internal RC (16MHz, 12MHz, 8MHz, 128KHz), which is selected by code option OP_OSC (Refer to code option section for
details). SH79F3283 has 4 oscillator pins (XTAL1, XTAL2, XTALX1, XTALX2), which can generate 1 or 2 clocks from 3
oscillator types. They also are selected by code option OP_OSC (Refer to code option section for details). The oscillator
generates the basic clock pulse that provides the system clock to supply CPU and on-chip peripherals.
7.5.4 Register
Table 7.14 System Clock Control Register
B2H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
32K_SPDUP
CLKS1
CLKS0
SCMIF
HFON
FS
-
-
R/W
R/W
R/W
R/W
R
R/W
R/W
-
-
Reset Value
(POR/WDT/LVR/PIN)
1
1
1
0
0
0
-
-
Bit Number
Bit Mnemonic
Description
7
32K_SPDUP
32.768kHz oscillator speed up mode control bit
0: 32.768kHz oscillator normal mode, cleared by software.
1: 32.768kHz oscillator speed up mode, set by hardware or software.
This control bit is set by hardware automatically in all kinds of RESET such as
Power on reset, watch dog reset etc. to speed up the 32.768kHz Oscillator
oscillating, shorten the 32.768kHz oscillator start-oscillating time.
And this bit also can be set or cleared by software if necessary. Such as set
before entering Power-down mode and cleared when Power-down mode
wakes up.
It should be noticed that turning off 32.768kHz oscillator speed up (clear this
bit) could reduce the system power consumption.
Only when code option OP_OSC is 1010 or 1101, this bit is valid. (32.768kHz
oscillator is selected, Refer to code option section for details)
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com