công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 40 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 40 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
SH79F3283
40
PORT1:
- LED Segment 1-8 (P1.0-P1.7)
- LCD Segment 1-8 (P1.0-P1.7)
- INT44-INT47 (P1.0-P1.3): External interrupt input
Table 7.22 PORT1 Share Table
Pin No.
Priority
Function
Enable bit
TQFP48 LQFP44 LQFP32
31-34
27-30
22-25
1
INT44-47
Set EX4 bit in IEN1 register and EXS44-47 bit in IENC register,
P1.0-P1.3 in input mode
2
LED S1-4
Set DISPSEL bit in DISPCON Register and set P1S0-P1S3 in
P0SS Register
3
LCD SEG1-4
Clear DISPSEL bit in DISPCON Register and set P1S0-P1S3 in
P0SS Register
4
P1.0-P1.3
Above condition is not met
35-38
31-34
26
1
LED S5-8
Set DISPSEL bit in DISPCON Register and set P1S4-P1S7 in
P0SS Register 1
2
LCD SEG5-8
Clear DISPSEL bit in DISPCON Register and set P1S4-P1S7 in
P0SS Register
3
P1.4-P1.7
Above condition is not met
PORT2:
- RXD0: EUART0 data input (P2.0)
- TXD0: EUART0 data output (P2.1)
- MOSI: SPI Master output Slave input (P2.2)
- MISO: SPI Master input Slave output (P2.3)
- SCK: SPI Serial Clock (P2.4)
- FLT: Fault input pin (P2.5)
- LCD Segment 9-16 (P2.0-P2.7)
- SS
———
: SPI Slave selection (P2.5)
- PWM0C: PWM0C output (P2.7)
- PWM01C: PWM01C output (P2.6)
Table 7.23 PORT2 Share Table
Pin No.
Priority
Function
Enable bit
TQFP48 LQFP44 LQFP32
39
35
27
1
RXD0
Set REN bit in SCON Register (Auto Pull up)
2
SEG9
Clear DISPSEL bit in DISPCON Register and set P2S0 in P2SS
Register
3
P2.0
Above condition is not met
40
36
28
1
TXD0
Do write operation to SBUF register
2
SEG10
Clear DISPSEL bit in DISPCON Register and set P2S1 in P2SS
Register
3
P2.1
Above condition is not met
41
37
-
1
MOSI
Set SPEN bit in SPSTAT register in Slave mode
(when SPEN, CPHA, SSDIS bits all set in Slave mode, Auto Pull up)
2
RXD1
Set REN1 bit in SCON1 Register (Auto Pull up)
3
SEG11
Clear DISPSEL bit in DISPCON Register and set P2S2 in P2SS
Register
4
P2.2
Above condition is not met
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com