công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 110 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 110 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
SH79F3283
110
8.7 Analog Digital Converter (ADC)
8.7.1 Feature
 12-bit Resolution
 Build in VREF
 Selectable external or built-in VREF
 9 analog Channels input
The SH79F3283 includes a single ended, 12-bit SAR Analog to Digital Converter (ADC) with build in reference voltage
connected to the VDD, users also can select the AVREF port input reference voltage. The 10 ADC channels are shared with 1
ADC module; each channel can be programmed to connect with the analog input individually. Only one channel can be
available at one time. GO/DONE
————
signal is available to start convert, and indicate end of convert. When conversion is
completed, the data in AD convert data register will be updated and ADCIF bit in ADCON register will be set. If ADC Interrupt
is enabled, the ADC interrupt will be generated.
The ADC integrates a digital compare function to compare the value of analog input and the digital value in the AD converter.
If this function is enabled (set EC bit in ADCON register) and ADC module is enabled (set ADON bit in ADCON register).
When the corresponding digital value of analog input is larger than the compare value in register (ADDH/L), the ADC interrupt
will occur, otherwise no interrupt will be generated. The digital comparator can work continuously when GO/DONE
————
bit is set
until software clear, which behaviors different with the AD converter operation mode.
The ADC module including digital compare module can wok in Idle mode and the ADC interrupt will wake up the Idle mode,
but is disabled in Power-Down mode.
8.7.2 ADC Diagram
Input voltage
SCH3 - SCH0
ADC
AN0
AN2
AN3
CH8 - CH0
0011
0100
0101
0110
0111
AN4
AN5
V
DD
Input reference
voltage
REFC
0
AV
REF
1
0000
0001
0010
AN6
AN7
AN1
11xx
1.25V
Reference
AN8
1000
ADC Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com