công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 111 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 111 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
SH79F3283
111
8.7.3 Register
Table 8.36 ADC Control Register
93H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON
ADON
ADCIF
EC
REFC
SCH2
SCH1
SCH0
GO/DONE
—---—-----—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
ADON
ADC Enable bit
0: Disable the ADC module
1: Enable the ADC module
6
ADCIF
ADC Interrupt Flag bit
0: No ADC interrupt, cleared by software.
1: Set by hardware to indicate that the AD Convert has been completed, or
analog input is larger than ADDATH/L if compare is enabled
5
EC
Compare Function Enable bit
0: Compare function disabled
1: Compare function enabled
4
REFC
Reference Voltage Select bit
0: the reference voltage connected to VDD
1: the reference voltage input from VREF pin
3-1
SCH[2:0]
ADC channel Select bits (Combination control with SCH3)
0000: ADC channel AN0
0001: ADC channel AN1
0010: ADC channel AN2
0011: ADC channel AN3
0100: ADC channel AN4
0101: ADC channel AN5
0110: ADC channel AN6
0111: ADC channel AN7
1000: ADC channel AN8
11xx: internal 1.25V Reference
0
GO/DONE
—---—------—
ADC status flag bit
0: Automatically cleared by hardware when AD convert is completed. Clearing
this bit during converting time will stop current conversion. If Compare function
is enabled, this bit will not be cleared by hardware until software clear.
1: Set to start AD convert or digital compare.
Note:
(1) When select the reference voltage input from VREF pin (REFC = 1), the P4.4 is shared as VREF input.
(2) After set ADON to 1, please set a 10us delay, then set GO/DONE to 1 to ensure the ADC normal operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com