công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 116 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 116 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
SH79F3283
116
8.9 Low Power Detect (LPD)
8.9.1 Feature
 Low power detect and generate interrupt
 LPD detect voltage is selectable
 LPD de-bounce timer TLPD is about 30-60µs
The low power detect (LPD) is used to monitor the supply voltage and generate an internal flag if the voltage decrease below
the specified value. It is used to inform CPU whether the power is shut off or the battery is used out, so the software may do
some protection action before the voltage drop down to the minimal operation voltage.
The LPD interrupt can wake the power down mode up.
8.9.2 Register
Table 8.42 Low Power Detection Control Register
B3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LPDCON
LPDEN
LPDF
LPDMD
LPDIF
LPDS3
LPDS2
LPDS1
LPDS0
R/W
R/W
R*
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
LPDEN
LPD Enable bit
0: Disable lower power detection
1: Enable lower power detection
6
LPDF
LPD status Flag bit
0: No LPD happened, clear by hardware,
1: LPD happened, set by hardware
5
LPDMD
LPD mode select bit
0: When VDD below LPD voltage, LPDF is set
1: When VDD above LPD voltage, LPDF is set
4
LPDIF
LPD interrupt flag bit
0: No LPD happened, clear by software
1: LPD happened, set by hardware
3-0
LPDS[3:0]
LPD Voltage Select bit
0000: 2.40V
0001: 2.55V
0010: 2.70V
0011: 2.85V
0100: 3.00V
0101: 3.15V
0110: 3.30V
0111: 3.45V
1000: 3.60V
1001: 3.75V
1010: 3.90V
1011: 4.05V
1100: 4.20V
1101: 4.35V
1110: 4.50V
1111: 4.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com