công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 119 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 119 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
SH79F3283
119
8.12 CRC verification module
8.12.1 Feature
 Generate CRC check code of the Flash Rom Code, verify the Flash Rom Code whether changed or not
 CRC generator polynomial adopt the CRC-CCITT Standard: X
16+X12+X5+1, high bit first
 Two mode: High speed CRC mode and Normal CRC speed mode
To improve the system reliability, the SH79F3283 has one CRC verification module built-in, CRC check code can be used to
generate real-time code, using the generation polynomial: X
16+X12+X5+1, which adopt the CRC-CCITT Standard. Users can
use this check code compared with the theory value, whether the changes in Flash content monitoring. The last two byte can
be stored in the ROM region of the CRC theoretical value (not involved in CRC check), or other location (such as class
EEPROM region, sequence number area user identification code area, etc.)
Set CRCADR[3:0] bits can select the CRC check size, set CRC_GO bit to 1 to enable CRC module. After CRC check is done,
CRC_GO will be cleared automatically by hardware, and set CRCIF to 1, if interrupt enable bit SCM_LPD_CRC and ECRC
are both set to 1, the CRC interrupt will generated in CPU, and the interrupt flag CRCIF will be cleared by software.
Normal CRC mode: the time of CPU operating is not influenced by the CRC check operating, but the time of CRC check is
long and uncontrollable.
High speed CRC mode: in order to improve the time of CRC check, there is a way which makes CPU into IDLE mode, the time
of CRC check will be reduced, and CRC interrupt can wake up IDLE mode.
Note: In Power-Down mode, and CRC is operating, this can make the CRC check code incorrectness. So please make sure
system not in the Power-Down mode before CRC is done.
8.12.2 Register
Table 8.44 CRC Control Register
FDH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CRCCON
CRC_GO
CRCIF
-
-
CRCADR3 CRCADR2 CRCADR1 CRCADR0
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
CRC_GO
CRC GO_DONE Control bit
0: disable CRC module
1: enable CRC module, cleared when CRC check is done
6
CRCIF
CRC interrupt flag bit
0: CRC check is not done, clear by software
1: CRC check is done, set by hardware
3-0
CRCADR[3:0]
CRC Check address bits
0000: Check address is 0000 - 07FDH (2K - 2Byte)
0001: Check address is 0000 - 0FFDH (4K - 2Byte)
………….
1110: Check address is 0000 - 77FDH (30K - 2Byte)
1111: Check address is 0000 - 7FFDH (32K - 2Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com