công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 123 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 123 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
SH79F3283
123
8.14 Warm-up Timer
8.14.1 Feature
 Built-in power on warm-up counter to eliminate unstable state of power on
 Built-in oscillator warm-up counter to eliminate unstable state when oscillation start up
SH79F3283 has a built-in power warm-up counter; it is designed to eliminate unstable state after power on or to do some
internal initial operation such as read internal customer code option etc.
SH79F3283 has also a built-in oscillator warm-up counter, it is designed to eliminate unstable state when oscillator starts
oscillating in the following conditions: Power-on reset, Pin reset, LVR reset, Watchdog Reset and Wake up from low power
consumption mode.
After power-on, SH79F3283 will start power warm-up procedure first, and then oscillator warm-up procedure. Begin to run the
program after the overflow.
Power Warm-up Time
Power On Reset/
Pin Reset/
Low Voltage Reset
WDT Reset
(Not in Power-Down Mode)
WDT Reset
(Wakeup from Power-Down
Mode)
Wakeup from Power-Down
Mode
(Only for interrupt)
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
11ms
YES
≈1ms
NO
≈1ms
YES
≈500us
YES
OSC Warm-up Time
Option:
OP_WMT
Oscillator Type
00
01
10
11
Ceramic/Crystal
2
17 X Tosc
2
14 X Tosc
2
11 X Tosc
2
8 X Tosc
32kHz crystal
2
13 X Tosc
Internal RC
2
7 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com