công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 124 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 124 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
SH79F3283
124
8.15 Code Option
OP_WDT:
0: Enable WDT function (default)
1: Disable WDT function
OP_WDTPD:
0: Disable WDT function in Power-Down mode (default)
1: Enable WDT function in Power-Down mode
OP_RST:
0: P5.2 used as RST pin (default)
1: P5.2 used as I/O pin
OP_WMT: (unavailable for 32k oscillator or Internal RC)
00: longest warm up time (default)
01: longer warm up time
10: shorter warm up time
11: shortest warm up time
OP_OSC:
0000: Oscillator1 is internal 12M RC, oscillator2 is disabled
0001: Oscillator1 is internal 8M RC, oscillator2 is disabled
0010: Oscillator1 is internal 16M RC, oscillator2 is disabled
0011: Oscillator1 is internal 128k RC, oscillator2 is internal 12M RC
0100: Oscillator1 is internal 128k RC, oscillator2 is internal 8M RC
0110: Oscillator1 is internal 128k RC, oscillator2 is 2M-12M crystal/ceramic oscillator
1010: Oscillator1 is 32.768k crystal oscillator, oscillator2 is internal 12M RC
1011: Oscillator1 is 32.768k crystal oscillator, oscillator2 is internal 8M RC
1101: Oscillator1 is 32.768k crystal oscillator, oscillator2 is 2M-12M crystal/ceramic oscillator
1110: Oscillator1 is 2M-12M crystal/ceramic oscillator, oscillator2 is disabled
Others: Oscillator1 is internal 12M RC, oscillator2 is disabled
Note: No external oscillator pin in 20 PIN package, OP_OSC only can be set 0000 and 0011.
OP_LVREN:
0: Disable LVR function (default)
1: Enable LVR function
OP_LVRLE:
00: 4.1V LVR level 1 (default)
01: 3.7V LVR level 2
10: 2.8V LVR level 3
11: 2.1V LVR level 4
OP_SCM:
0: SCM is invalid in warm up period (default)
1: SCM is valid in warm up period
OP_OSCDRIVE:
011: 8M-16M crystal (default)
001: 4M crystal
111: 12M ceramic
101: 8M ceramic
110: 4M ceramic
100: 2M ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com