công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 121 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 121 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
SH79F3283
121
8.13 Power Management
8.13.1 Feature
 Two power saving modes: Idle mode and Power-Down mode
 Two ways to exit Idle and Power-Down mode: interrupt and reset
To reduce power consumption, SH79F3283 supplies two power saving modes: Idle mode and Power-Down mode. These two
modes are controlled by PCON & SUSLO register.
8.13.2 Idle Mode
In this mode, the clock of CPU is frozen, the program execution is halted, and the CPU will stop at a defined state. But the
peripherals continue to be clocked. When entering idle mode, all the CPU status before entering will be preserved. Such as:
PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the IDL bit in PCON
register, will make SH79F3283 enter Idle mode. If the consecutive instruction sequence requirement is not met, the CPU will
clear either SUSLO register or IDL bit in the next machine cycle. And the CPU will not enter Idle mode. The setting of IDL bit
will be the last instruction that CPU executed.
There are two ways to exit Idle mode:
(1) An interrupt generated. After warm-up time, the clock of the CPU will be restored, and the hardware will clear SUSLO
register and IDL bit in PCON register. Then the program will execute the interrupt service routine first, and then jumps to
the instruction immediately following the instruction that activated Idle mode.
(2) Reset signal (logic low on the RESET pin, WDT RESET if enabled, LVR RESET if enabled), this will restore the clock of the
CPU, the SUSLO register and the IDL bit in PCON register will be cleared by hardware, finally the SH79F3283 will be
reset. And the program will execute from address 0000H. The RAM will keep unchanged and the SFR value might be
changed according to different function module.
8.13.3 Power-Down Mode
The Power-Down mode places the SH79F3283 in a very low power state.
When single clock signal input (OP_OSC[3:0] is 0000 or 1110), Power-Down mode will stop all the clocks including CPU and
peripherals. When double clock signal input (OP_OSC[3:0] is 0011, 0110, 1010 or 1101), if system clock is 32.768kHz or
128kHzRC, Power-Down mode will stop all the clocks including CPU and peripherals. If high frequency oscillator is used as
system clock, 32.768kHz or 128kHzRC clock used in Timer3 will be opened in Power-Down mode. In Power-Down mode, if
WDT is enabled, WDT block will keep on working. When entering Power-Down mode, all the CPU status before entering will be
preserved. Such as: PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the PD bit in PCON
register, will make SH79F3283 enter Power-Down mode. If the consecutive instruction sequence requirement is not met, the
CPU will clear either SUSLO register or PD bit in the next machine cycle. And the CPU will not enter Power-Down mode.
The setting of PD bit will be the last instruction that CPU executed.
Note: If IDL bit and PD bit are set simultaneously, the SH79F3283 enters Power-Down mode. The CPU will not go in Idle mode
when exiting from Power-Down mode, and the hardware will clear both IDL & PD bit after exit form Power-Down mode.
There are three ways to exit the Power-Down mode:
(1) An active external Interrupt (such as INT2, INT3 & INT4) and LPD interrupt will make SH79F3283 exit Power-Down mode.
The oscillator will start after interrupt happens, after warm-up time, the clocks of the CPU and peripheral will be restored,
the SUSLO register and PD bit in PCON register will be cleared by hardware. Program execution resumes with the interrupt
service routine. After completion of the interrupt service routine, the instructions which jumped to enter Power-Down mode
will continue to run.
(2) Timer3 interrupt will make SH79F3283 exit Power-Down mode when 32.768kHz or 128kHz RC is the clock source. The
oscillator will start after interrupt happens, after warm-up time, the clocks of the CPU and peripheral will be restored, the
SUSLO register and PD bit in PCON register will be cleared by hardware. Program execution resumes with the interrupt
service routine. After completion of the interrupt service routine, the instructions which jumped to enter Power-Down mode
will continue to run.
(3) Reset signal (logic low on the RESET pin, WDT RESET if enabled, LVR RESET if enabled). This will restore the clock of
the CPU after warm-up time, the SUSLO register and the PD bit in PCON register will be cleared by hardware, finally the
SH79F3283 will be reset. And the program will execute from address 0000H. The RAM will keep unchanged and the SFR
value might be changed according to different function module.
Note: In order to entering Idle/Power-Down, it is necessary to add 3 NOPs after setting IDL/PD bit in PCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com