công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 115 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 115 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 111Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 112Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 116Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 117Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 118Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
115 / 132
11.10.3 ISOUpdateBinary
The ISOUpdateBinary command is implemented in compliance with ISO/IEC 7816-4, the
command is only possible with CommMode.Plain for a Standard Data File. MF2DL(H)x0
supports tearing protection for data that is sent within one communication frame to
the file. Consequently, when using ISO/IEC 14443-4 chaining to write to a Standard
Data File, each frame itself is tearing protected but an interrupted chaining can lead to
inconsistent files. Using single-frame ISOUpdateBinary commands instead of using the
chaining can enable better control of the overall write process.
aaa-032228
PICC to PCD
PCD to PICC
CLA
00
CMD
D6
P1
XX
P2
XX
Lc
XX
1
1
1
1
1
up to 255 bytes
Data
-
SW1
status
1
SW2
1
Figure 43. ISOUpdateBinary command protocol
Table 132.  Command parameters description - ISOUpdateBinary
Name
Length
Value
Description
CLA
1
00h
INS
1
D6h
1
ShortFile ID/Offset
RFU
1b
P1[Bit 6..5] are RFU.
P1[Bit 4..0] encode a short ISO FileID.
P2[Bit 7..0] encode an offset from zero to 255.
Bit 7
0b
P1 - P2 (15 bits) encode an offset from zero to
32767.
Bit 6-5
00b
[if P1[7] == 1b] RFU
[if P1[7] == 1b] short ISO FileID
00h
Targeting currently selected file.
01h .. 1Eh
Targeting and selecting file referenced by the
given short ISO FileID.
Bit 4-0
1Fh
RFU
P1
Bit 6-0
(see P2)
[if P1[7] == 0b] Most significant bits of Offset
P2
1
000000h ..
(FileSize - 1)
Offset (see above)
Lc
1
01h .. (FileSize
- Offset)
Length of subsequent data field
Data
up to 255 byte Full range
Data to be written
Table 133.  Response data parameters description - ISOUpdateBinary
Name
Length
Value
Description
No response data parameters defined for this command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com