công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 67 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 67 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 69Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 70Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
67 / 132
11.5.2 GetVersion
The GetVersion command returns manufacturing related data of MIFARE DESFire Light
(MF2DL(H)x0). No parameters are required for this command.
Remark: This command is only available after ISO/IEC 14443-4 activation.
The version data is return over three frames. Part1 returns the hardware-related
information, Part2 returns the software-related information and Part3 and last frame
returns the production-related information. This command is freely accessible without
secure messaging as soon as the PD is selected and there is no active authentication.
PCD to PICC
CLA
90
CMD
60
P1
00
P2
00
Lc
-
1
1
1
1
1
Le
00
1
Data
-
PICC to PCD
SW1
status
1
SW2
1
1
1
VendorID
1
HWType
1
HWMajorVersion
HWSubType
1
HWMinorVersion
1
HWProtocol
1
HWStorageSize
PCD to PICC
CLA
90
CMD
AF
P1
00
P2
00
Lc
-
1
1
1
1
1
Le
00
1
Data
-
0
PICC to PCD
SW1
status
1
SW2
1
1
1
VendorID
1
SWType
1
SWMajorVersion
SWSubType
1
SWMinorVersion
1
SWProtocol
1
SWStorageSize
PCD to PICC
CLA
90
CMD
AF
P1
00
P2
00
Lc
-
1
1
1
1
1
Le
00
1
Data
-
0
PICC to PCD
SW1
status
1
SW2
1
7
1
UID
4
BatchNo
1
FabKey/CWProd
BatchNo/FabKey
1
YearProd
[1]
FabKeyID
aaa-032201
Figure 18. GetVersion command protocol
Part 1
Table 50.  Command parameters description - GetVersion - Part1
Name
Length
Value
Description
Command Header Parameters
Cmd
1
60h
Command code.
Command Data Parameters
-
-
-
No data parameters
Table 51.  Response data parameters description - GetVersion - Part1
Name
Length
Value
Description
VendorID
1
04h
Vendor ID
HWType
1
08h
HW type for MIFARE DESFire Light
-
HW subtype
X1h
17 pF
X2h
50 pF
0Xh
Strong back modulation
HWSubType
1
8Xh
Standard back modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com