công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
29 / 132
• a 2-byte label, distinguishing the purpose of the key: 5AA5h for MACing and A55Ah for
encryption
• a 2-byte counter, fixed to 0001h as only 128-bit keys are generated.
• a 2-byte length, fixed to 0080h as only 128-bit keys are generated.
• a 26-byte context, constructed using the two random numbers exchanged, RndA and
RndB
First, the 32-byte input session vectors SVx are derived as follows:
SV1 = A5h||5Ah||00h||01h||00h||80h||RndA[15..14]||
   ( RndA[13..8]
⊕ RndB[15..10])||RndB[9..0]||RndA[7..0]
SV2 = 5Ah||A5h||00h||01h||00h||80h||RndA[15..14]||
   ( RndA[13..8]
⊕ RndB[15..10])||RndB[9..0]||RndA[7..0]
with
⊕ being the XOR-operator.
Then, the 16-byte session keys are constructed as follows:
SesAuthENCKey = PRF(Kx, SV1)
SesAuthMACKey = PRF(Kx, SV2)
9.1.8 Plain Communication Mode
The command and response data is not secured. The data is sent in plain, see Figure 8,
i.e. as defined in the command specification tables, see Section 11.
aaa-032773
PICC to PCD
ISO 7816 Data Field
PCD to PICC
CmdData
Le
00h
1
RespData
[c]
SW1
status
1
SW2
1
Command counter (CmdCtr)
incremented after validating the
command before sending the
response. CmdCtr is a 16-bit
unsigned integer.
CLA
90h CMD
CmdHeader
P1
00h
P2
00h
Lc
1
1
1
1
1
[a]
[b]
C = Value of CmdCtr at start of this sequence
Figure 8. Plain Communication Mode
However, note that, as the PICC is in authenticated state (EV2 authenticated state or
LRP authenticated state), the command counter CmdCtr is still increased as defined in
Section 9.1.2.
This allows the PCD and PICC to detect any insertion and/or deletion of commands sent
in CommMode.Plain on any subsequent command that is sent in CommMode.MAC (e.g.
CommitTransaction) or CommMode.Full.
9.1.9 MAC Communication Mode
The Secure Messaging applies MAC to all commands listed as such in Section 11.2.
In case MAC is to be applied, the following holds. The MAC is calculated using
the current session key SesAuthMACKey. MAC calculation is done as defined in
Section 9.1.3.
For commands, the MAC is calculated over the following data (according to the
definitions from Section 8.3) in this order:
• Command, Cmd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com