công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 33 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 33 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 33Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 34Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 35Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 36Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
33 / 132
Note that the MSB representation of EncCtr is different from other counter
representations in this specification, but allows saving some AES calculations in the key
stream generation.
9.2.5 AuthenticateLRPFirst command
The AuthenticateLRPFirst command reuses the same command code as
AuthenticateEV2First. The distinction is made via the PCDCap2.1 parameter, as
explained in Section 9.
The AuthenticateLRPFirst command is fully compliant with the mutual three-pass
authentication of ISO/IEC 9798-4 [7].
The authentication consists of two parts: AuthenticateLRPFirst - Part1 and
AuthenticateLRPFirst Part2. Detailed command definition can be found in Section 11.4.3.
The protocol cannot be interrupted by other commands. On any command different from
AuthenticateLRPFirst - Part2 received after the successful execution of the first part, the
PICC aborts the ongoing authentication.
During this authentication phase, the PICC accepts messages from the PCD that are
longer than the lengths derived from this specification as long as LenCap is correct. This
feature is to support the upgradability to following generations of MIFARE DESFire Light.
Apart from bit 1 of PCDCap2.1, which need to be set to 1 for AuthenticateLRPFirst
resulting into 020000000000h, the content of PCDCap2 is not interpreted by the PICC.
The PCD rejects answers from the PICC when they don’t have the proper length.
Upon reception of AuthenticateLRPFirst, the PICC validates the targeted key. If the key
does not exist, AuthenticateLRPFirst is rejected. At PICC level, the only available key is
the OriginalityKey.
The PICC generates a random 16-byte challenge RndB and send this in plain to the
PCD. Additionally, the PICC and PCD reset both CmdCtr and EncCtr to zero and
generate a random TI.
Upon reception of the AuthenticateLRPFirst response from the PICC, the PCD also
generates a random 16-byte challenge RndA. Now the PCD calculates the session keys
SesAuthMACKey and SesAuthENCKey, as specified in Section 9.2.7. As explained there
for LRP, a session key consists of a set of plain texts and an updated key.
Then the PCDResponse computes a MAC over the concatenation of RndA with RndB,
applying the SesAuthMACKey with the algorithm defined in Section 9.2.3. Note that
MACs are not truncated during the authentication. Within AuthenticateLRPFirst - Part2,
the concatenation of RndA and this MAC is sent to the PICC.
Upon reception of AuthenticateLRPFirst - Part2, the PICC validates the received
MAC. If not as expected, the command is rejected. Else it encrypts the generated TI
concatenated with 12 bytes of capabilities to the PCD: 6 bytes of PICC capabilities
PDCap2 and 6 bytes of PCD capabilities PCDCap2 that were received on the command
(sent back for verification). Encryption is done according to Section 9.2.4, applying
SesAuthENCKey.
Note that part of PDCap is configurable with SetConfiguration. PCDCap2 is used to refer
both to the value sent from the PCD to the PICC and to the value used in the encrypted
response message from the PICC to the PCD where in this case the PCDCap2 is the
adjusted version of the originally sent PCDCap2: i.e. truncated or padded with zero
bytes to a length of 6 bytes if needed. After that encryption, the PICCResponse will also
compute a MAC over the concatenation of RndB, RndA and the encrypted data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com