công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 66 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 66 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 69Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
66 / 132
Status
Value Description
PARAMETER_ERROR
9Eh
Parameter value not allowed.
Option 00h: Data bit 7-6 or bit 4-2 or bit 0 not set to 0b.
Option 02h: TL inconsistent with length of received ATS
string or unsupported T0, TB(1) or TC(1) value
Unsupported option (i.e. Reserved).
PERMISSION_DENIED
9Dh
Option 00h, 02h, 03h, 04h, 05h, 06h, 08h, 09h, 0Ah, 0Bh:
not supported / allowed at PICC level
Option 06h: application renaming not allowed anymore as
already done once
Option 08h: file renaming not allowed anymore as (for both
files if updating two) it was already done once.
Option 08h: trying to update ISOFileID while the targeted
file does not have an ISOFileID.
Option 09h: file configuration not allowed anymore as
already done once or targeted file is not a Value file
FILE_NOT_FOUND
F0h
Option 08h: File with targeted OldFileNo1 or OldFileNo2
does not exist within the targeted application.
Option 09h: File with targeted FileNo does not exist within
the targeted application.
AUTHENTICATION_ERROR AEh
Option 00h, 02h, 03h, 04h, 05h, 06h, 08h, 09h, 0Ah, 0Bh:
No active authentication with AppMasterKey.
DUPLICATE_ERROR
DEh
Option 06h: executing application renaming would result in
duplicate DFNames.
Option 08h: executing file renaming would result in
duplicate FileNos or ISOFileIDs.
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com