công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 99 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 99 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 95Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 96Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 97Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 98Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 99Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 100Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 101Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 102Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
99 / 132
Table 106.  Response data parameters description - ReadRecords
Name
Length
Value
Description
Response
data
Up to 64
Full range
Record data
[Number of record read x 16 bytes]
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 107
Table 107.  Return code description - ReadRecords
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only).
LENGTH_ERROR
7Eh
Command size not allowed.
PARAMETER_ERROR
9Eh
Parameter value not allowed.
PICC level (MF) is selected.
Targeted file is not of CyclicRecord.
Read and ReadWrite of targeted file only have access
conditions set to Fh
sesTMC reached its maximal value.
PERMISSION_DENIED
9Dh
TMCLimit was reached.
FILE_NOT_FOUND
F0h
Targeted file does not exist in the targeted application.
AUTHENTICATION_ERROR
AEh
Read and ReadWrite of targeted file not granted while
at least one of the access conditions is different from
Fh.
BOUNDARY_ERROR
BEh
Attempt to read more records than have been written
so far.
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com