công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 33Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
30 / 132
• Command Counter CmdCtr
• Transaction Identifier TI
• Command header - CmdHeader (if present)
• Command data - CmdData (if present)
For responses, the MAC is calculated over the following data in this order:
• Return code - RC
• Command Counter - CmdCtr (The already increased value)
• Transaction Identifier - TI
• Response data - RespData (if present)
CmdCtr is the Command Counter as defined in Section 9.1.2. Note that the CmdCtr is
increased between the computation of the MAC on the command and the MAC on the
response. TI is the Transaction Identifier, as defined in Section 9.1.1. The other input
parameters are as defined in Section 8.3. The calculation is illustrated in Figure 9.
In case of command chaining, the MAC calculation is not interrupted. The MAC is
calculated over the data including the complete data field (i.e. either CmdData or
RespData of all frames) at once. The MAC is always transmitted by appending to the
unpadded plain command. If necessary, an additional frame is sent. If a MAC over the
command is received, the PICC verifies the MAC and rejects commands that do not
contain a valid MAC by returning INTEGRITY_ERROR.
In this case, the ongoing command and transaction are aborted (see also Section 11).
The authentication state is immediately lost and the error return code is sent without a
MAC appended. Note that any other error during the command execution has the same
consequences.
PICC to PCD
aaa-032192
4
TI
2
T
C
CmdCtr
1
Cmd
C = value of CmdCtr at start of this sequence
T = Value of TI (will stay constant)
[c]
RespData
[c]
RespData
4
TI
2
T
C+1
CmdCtr
8
MACt(SesAuthMACKey, RC ||
CmdCtr || TI [|| RespData])
MAC(SesAuthMACKey, RC ||
CmdCtr || TI [|| RespData])
PCD to PICC
8
MAC(SesAuthMACKey, CMD || CmdCtr || TI
[|| CmdHeader] [|| CmdData])
Command counter (CmdCtr)
incremented after validating the
command before sending the
response and related MAC calculation
MAC Truncation from 16 to 8 byte
by use of the even-numbered bytes
CLA
90h Cmd
P1
00h
P2
00h
1
1
1
1
Le
00h
1
[a]
[b]
ISO 7816 Data Field
CmdData
[a]
[b]
ISO 7816 Data Field
CmdData
status
1
SW2
SW1
status
1
SW2
1
CmdHeader
CmdHeader
Lc
1
MACt(SesAuthMACKey, CMD ||
CmdCtr || TI [|| CmdHeader] [|| CmdData])
CLA, P1, P2, LC, Le and SW1 not included in secure messaging calculation. SW2 is the return
code (RC) and appended in the beginning for secure messaging calculation
Figure 9.  Secure Messaging: MAC Communication mode
9.1.10 Full Communication Mode
The Secure Messaging applies encryption (CommMode.Full) to all commands listed
as such in Section 11.2. In case CommMode.Full is to be applied, the following holds.
The encryption/decryption is calculated using the current session key SesAuthENCKey.
Calculation is done as defined in Section 9.1.4 over either the command or the response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com