công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 65 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 65 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
65 / 132
Option
Data
Length
Field
Length/bitin
dex
Description
TotFailCtrLimit
2 bytes
configurable limit, encoded as
2-byte unsigned integer (LSB
first), must be bigger than 0000h.
Default value: 1000. When
disabling, this value is ignored
TotFailCtrDecr
2 bytes
configurable decrement value,
encoded as 2-byte unsigned
integer (LSB first). Default value:
10. When disabling, this value is
ignored.
HW configuration
0Bh
1 byte
HW Option
1 byte
Bit 7 to 1: RFU
Bit 0: Set to 0b for Standard back
modulation
Bit 0: Set to 1b for Strong back
modulation (default)
Table 48. Response data parameters description - SetConfiguration
Name
Length
Value
Description
Response
data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 49
Table 49. Return code description - SetConfiguration
Status
Value Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid cryptogram (padding or CRC). Invalid secure
messaging MAC.
LENGTH_ERROR
7Eh
Command size not allowed.
Option 00h: Data length is not 1
Option 02h: Data length is not in the range [5..20].
Option 03h: Data length is not 2
Option 04h: Data length is not 2
Option 05h: Data length is not 10
Option 06h: Data inconsistent length
Option 08h: Data inconsistent length
Option 09h: Data length is not 14
Option 0Ah: Data length is not 5
Option 0Bh: Data length is not 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com