công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 19Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 20Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 21Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
23 / 132
aaa-032190
Secure messaging using
standard AES construction
see section on
EV2 Secure Messaging
71h
AuthenticateEV2First
(KeyNo) with
PCDCap2.1 = 0x00
AES
(128 bit key)
71h
AuthenticateLRPFirst
(KeyNo) with
PCDCap2.1 = 0x02
AES
(128 bit key)
Authentication
Type
Secure Messaging
Setup
Secure messaging using
LRP AES construction
see section on
LRP Secure Messaging
Figure 6.  MIFARE DESFire Light secure messaging setup
A First Authentication can be executed at any time whether the PICC is in authenticated
or not authenticated state.
The Non-First Authentication can only be executed while the card is in authenticated
state after a successful First or Non-First Authentication.
Correct application of First Authentication and Non-First Authentication allows to
cryptographically bind all messages within a transaction together by the transaction
identifier established in a First Authentication, see Section 9.1.1, and a command
counter, see Section 9.1.2, even if multiple authentications are required.
The following table specifies when to authenticate using First Authentication and when to
use Non-First Authentication.
Table 17. When to use which authentication command
Purpose
First Authentication
Non-First
Authentication
First authentication (i.e. when not in any
authenticated state) with any key different
from OriginalityKey
Allowed
Not Allowed
Subsequent authentication (i.e. when
in any authenticated state) with any key
different from OriginalityKey
Allowed, recommended
not to use.
Allowed, recommended
to use.
Any LRP authentication with OriginalityKey Allowed
Allowed
The AuthenticateEV2First initiates a standard AES authentication and secure
messaging, compatible with MIFARE DESFire EV2, see Section 9.1. The other variant
AuthenticateLRPFirst initiates an AES authentication and secure messaging based on
the Leakage Resilient Primitive (LRP), see Section 9.2.
The negotiation between those two variants is done using the capabilities of the First
Authentication and the return message of the first part, where a PCD can distinguish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com