công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 61 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 61 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 57Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 59Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 60Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
61 / 132
11.5 Memory and configuration commands
11.5.1 SetConfiguration
With the SetConfiguration command, the application attributes can be configured. It
requires an authentication with the AppMasterKey and CommMode.Full.
The command consists of an option byte and a data field with a size depending on the
option. The option byte specifies the nature of the data field content.
In the below table “No change” references are used with configurations that are
persistent. This means that the associated configuration is left as it is already in the card
and its value is not changed.
Note that options 06h, 08h and 09h are one-time configurations which can only be issued
once and are locked afterwards.
aaa-032200
PICC to PCD
PCD to PICC
CLA
90
CMD
5C
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
1
up to 40 bytes
Option
Response data
-
0
SW1
status
1
SW2
1
Data
Data Parameters
Figure 17.  SetConfiguration command protocol
Table 46. Command parameters description - SetConfiguration
Name
Length
Value
Description
Command Header Parameters
Cmd
1
5Ch
Command code.
-
Configuration Option. It defines the length and
content of the Data parameter. The Option byte
is transmitted in plain text, whereas the Data is
always transmitted in CommMode.Full.
00h
PICC configuration.
02h
ATS update.
03h
SAK update
04h
Secure Messaging Configuration.
05h
Capability data.
06h
DF Name renaming
08h
File renaming
09h
Value file configuration
0Ah
Failed authentication counter setting
0Bh
HW configuration
Option
1
Other values
RFU
Command Data Parameters
Data
Up to 20 bytes -
Data content depends on option values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com