công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 77 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 77 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 73Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 75Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 76Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 77Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 78Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 79Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 80Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
77 / 132
Name
Length
Value
Description
1
-
Options for the targeted file.
Bit 7-2
RFU
FileOption
Bit 1-0
CommMode (see Table
CommunicationModes)
AccessRights
2
-
Set of access conditions for the 1st set in
the file (see Section 8.2.3.5).
LowerLimit
4
-
Lower Limit of the file (as defined at file
creation).
UpperLimit
4
-
Upper Limit of the file (as defined at file
creation).
LimitedCreditValue
4
-
Current maximum Limited Credit Value
(all zero if disabled).
1
-
Encodes if LimitedCredit and Free
GetValue is allowed for this file.
Bit 7-2
RFU
Free GetValue
0b
No free access to GetValue
Bit 1
1b
Free access to GetValue
LimitedCredit support
0b
LimitedCredit disabled
LimitedCreditEnabled
Bit 0
1b
LimitedCredit enabled
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 74
Table 72. Response data parameters description - GetFileSettings - Targeting CyclicRecord
File.
Name
Length
Value
Description
-
File Type of the targeted file.
FileType
1
04h
CyclicRecord
1
-
Options for the targeted file.
Bit 7-2
RFU
FileOption
Bit 1-0
CommMode (see Table CommunicationModes)
AccessRights 2
-
Set of access conditions for the 1st set in the
file (see Section 8.2.3.5).
RecordSize
3
-
Size of a single record in the file (as defined at
file creation).
MaxNoOfRecs 3
-
Maximum number of records within the file (as
defined at file creation).
CurrNoOfRecs 3
-
Current number of records within the file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com